Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 123Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 124Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 125Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 126Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 127Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 128Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 129Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 130Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
127/172
13.2 ABSOLUTE MAXIMUM RATINGS
Stresses above those listed as “absolute maxi-
mum ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device under these condi-
tions is not implied. Exposure to maximum rating
conditions for extended periods may affect device
reliability.
13.2.1 Voltage Characteristics
13.2.2 Current Characteristics
13.2.3 Thermal Characteristics
Notes:
1. Directly connecting the I/O pins to VDD or VSS could damage the device if an unexpected change of the I/O configura-
tion occurs (for example, due to a corrupted program counter). To guarantee safe operation, this connection has to be
done through a pull-up or pull-down resistor (typical: 10k
Ω for I/Os). Unused I/O pins must be tied in the same way to V
DD
or VSS according to their reset configuration. For reset pin, please refer to Figure 91 and Figure 92.
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected.
3. All power (VDD) and ground (VSS) lines must always be connected to the external supply.
4. Negative injection disturbs the analog performance of the device. See note in “10-BIT ADC CHARACTERISTICS” on
page 157. For best reliability, it is recommended to avoid negative injection of more than 1.6mA.
5. When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the positive
and negative injected currents (instantaneous values). These results are based on characterisation with
ΣI
INJ(PIN) maxi-
mum current injection on four I/O port pins of the device.
6. True open drain I/O port pins do not accept positive injection.
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
6.5
V
VIN
Input voltage on any pin 1) & 2)
VSS-0.3 to VDD+0.3
VESD(HBM)
Electrostatic discharge voltage (Human Body Model)
see Section 13.7.3 on page 142
VESD(MM)
Electrostatic discharge voltage (Machine Model)
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
3)
100
mA
IVSS
Total current out of VSS ground lines (sink)
3)
150
IIO
Output current sunk by any standard I/O and control pin
25
Output current sunk by any high sink I/O pin
50
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
2) & 4)
Injected current on Flash device pins PB0 and PB1
+ 5
Injected current on RESET pin
± 5
Injected current on OSC1 and OSC2 pins
± 5
Injected current on any other pin 5) & 6)
± 5
ΣI
INJ(PIN)
2)
Total injected current (sum of all I/O and control pins) 5)
± 20
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section Figure 104. "Low Profile Fine Pitch Ball Grid Array
Package" on page 160)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com