Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 140Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 141Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 142Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 143Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 144Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 145Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 146Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 147Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
144/172
13.8 I/O PORT PIN CHARACTERISTICS
13.8.1 General Characteristics
TA = -40 to +85°C unless otherwise specified
Notes:
1. Data based on characterization results, not tested in production.
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected.
Caution: Negative current injection not allowed on Flash device pins PB0 and PB1.
3. Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for
example and leaving the I/O unconnected on the board or an external pull-up or pull-down resistor (see Figure 76). Data
based on design simulation and/or technology characteristics, not tested in production.
4. The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics de-
scribed in Figure 77).
5. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
Figure 76. Two typical Applications with unused I/O Pin configured as input
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage1)
Vss - 0.3
0.3xVDD
V
VIH
Input high level voltage1)
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage hysteresis 1)
400
mV
IINJ(PIN)
2)
Injected current on Flash device
pins PB0 and PB1
+4
mA
Injected Current on other I/O pins
VDD=5V
±4
ΣI
INJ(PIN)
2) Total injected current (sum of all I/O
and control pins)
±25
IL
Input leakage current
VSS≤VIN≤VDD
±1
µA
IS
Static current consumption
Floating input mode3)
400
RPU
Weak pull-up equivalent resistor 4)
VIN=VSS
VDD=5V
50
85
250
k
Ω
VDD=3V
1701)
190
2301)
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time 1)
CL=50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time 1)
25
tw(IT)in
External interrupt pulse time5)
1tCPU
10k
Ω
UNUSED I/O PORT
ST7XXX
10k
Ω
UNUSED I/O PORT
ST7XXX
VDD
Note: I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of greater EMC
robustness and lower cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com