Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 164Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 165Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 166Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 167Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 168Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 169Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 170Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 171Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 172Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 171 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
171/172
17 REVISION HISTORY
Table 33. Revision History
Date
Rev.
Main changes
February-2005
2.0
Added “SMBus V1.1 Compliant” for I²C on page 1
Added one note in Section 6.4.1 on page 24
Added SMBus compatibility information in Section 11.6 on page 103 and at the end of
Section 11.6.4.1 on page 105
Changed note 1 in Section 13.2 on page 127
Added note 3 in Section 13.3.2 on page 129
Changed IS value and note 3 in Section 13.8.1 on page 144
Added note in Figure 76 on page 144
Changed Figure 91 on page 151 and notes and added note 4 to Figure 92 on page 151
Added “LEAD-FREE PACKAGE INFORMATION” on page 161
Added ST72F264G2H6E in Table 28, “Supported Part Numbers,” on page 164
Changed Section 15.3 on page 166
Changed “ST72264 ROM/FASTROM MICROCONTROLLER OPTION LIST (Last update: 15
January 2004)” on page 165
01-Jun-05
3
Added -40°C to +85°C operating range in “Device Summary” on first page for LFBGA package
(lead-free LFBGA package)
Added illegal opcode reset on page 1, and in Section 12.2.1 on page 123
Changed notes under Figure 91 on page 151
Changed VtPOR max. for ROM and note 3. Removed VHYS min and maxin Section 13.3.2 on page
129
Changed Reset VIL/VIH in Section 13.9 on page 150
Added ROM current consumption in Section 13.4.1 on page 131
Added Active HALT min.in Section 13.4.2 on page 133
Removed note under table in Section 13.7.2 on page 142
Changed note on PB0/PB1 to apply to Flash only in Section 13.2 on page 127 and Section 13.8
on page 144
Added VDD range for ADC operation, fADC min , conversion time and accuracy for ROM devices
in Section 13.12 on page 157.
Added 16-bit timer PWM Section 16.2.3 on page 169
Added SCI wrong break duration Section 16.2.9 on page 169
Moved errata sheet to Section 16 on page 168 and updated section for ROM and Flash devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com