Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80SND2CMP3B Datasheet(PDF) 195 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 191Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 192Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 193Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 194Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 195Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 196Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 197Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 198Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 241 page
background image
195
4341F–MP3–03/06
AT8xC51SND2C/MP3B
21.2
Registers
Table 21-8.
AUXCON Register
AUXCON (S:90h) – Auxiliary Control Register
Reset Value = 1111 1111b
76
5
4
3
2
1
0
SDA
SCL
-
AUDCDOUT
AUDCDIN
AUDCCLK
AUDCCS
KIN0
Bit
Number
Bit Mnemonic
Description
7SDA
TWI Serial Data
SDA is the bidirectional Two Wire data line.
6SCL
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to the slave
peripherals. When TWI controller is in slave mode, SCL receives clock from the master
controller.
5:1
Audio DAC Control
Refer to Audio DAC interface section
0
KIN0
Keyboard Input Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com