Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB355M-AC Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 97Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 98Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 99Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 100Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 101Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 102Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 103Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 104Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
101
AT43USB355
2603G–USB–04/06
Global Resume
The Host resumes signaling, the hardware detects this as global resume and propagates this
signaling to all downstream ports. Finally, the hardware enables the oscillator and asserts the
RSM interrupt.
Remote Wake-up,
Downstream Ports
The hardware detects a connect/disconnect/port resume and propagates resume signaling
upstream. Finally, the hardware enables the oscillator and asserts the RSM interrupt.
Remote Wake-up,
Embedded Function
The hardware detects an INT0/INT1 and propagates resume signaling upstream. Finally, the
hardware enables the oscillator and asserts the RSM and FRWUP interrupts.
Hardware
Firmware
1.Host resumes signaling
2.
Resume signaling detected
3.
Propagate signaling downstream
4.
Enable oscillator
5.
Set RSM bit
→ interrupt
6.
Reset RSM and GBL SUSP bits
7.
Restore GPIO states if required
8.
Clear UOVCER bit 2
9.
Enable peripheral activity
Hardware
Firmware
1.
Connect/disconnect/port resume
detected
2.
Propagate resume signaling
3.
Enable Oscillator
4.
Set RSM bit
→ interrupt
5.
Reset RSM and GBL SUSP bits
6.
Restore GPIO states if required
7.
Clear UOVCER bit 2
8.
Enable peripheral activity
Hardware
Firmware
1.External event activates INT0/INT1
2.
Propagate resume signaling
3.
Enable Oscillator
4.
Set RSM and FRMWUP bits
→
interrupt
5.
Clear GLB SUSP, RSM, FRMWUP bits
6.
Restore GPIO states if required
7.
Clear UOVCER bit 2
8.
Enable peripheral activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com