Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB011D Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 8Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 9Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 10Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 11Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 12Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 13Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 14Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
8.1
Software Sector Protection
8.1.1
Enable Sector Protection Command
Sectors specified for protection in the Sector Protection Register can be protected from program
and erase operations by issuing the Enable Sector Protection command. To enable the sector
protection using the software controlled method, the CS pin must first be asserted as it would be
with any other command. Once the CS pin has been asserted, the appropriate 4-byte command
sequence must be clocked in via the input pin (SI). After the last bit of the command sequence
has been clocked in, the CS pin must be deasserted after which the sector protection will be
enabled.
Figure 8-1.
Enable Sector Protection
8.1.2
Disable Sector Protection Command
To disable the sector protection using the software controlled method, the CS pin must first be
asserted as it would be with any other command. Once the CS pin has been asserted, the
appropriate 4-byte sequence for the Disable Sector Protection command must be clocked in via
the input pin (SI). After the last bit of the command sequence has been clocked in, the CS pin
must be deasserted after which the sector protection will be disabled. The WP pin must be in the
deasserted state; otherwise, the Disable Sector Protection command will be ignored.
Figure 8-2.
Disable Sector Protection
8.1.3
Various Aspects About Software Controlled Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be
controlled by a host processor. In such instances, the WP pin may be left floating (the WP pin is
internally pulled high) and sector protection can be controlled using the Enable Sector Protection
and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection will be disabled. Once the
device is powered up, the Enable Sector Protection command should be reissued if sector pro-
tection is desired and if the WP pin is not used.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3DH
2AH
7FH
A9H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3DH
2AH
7FH
9AH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com