Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB011D Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 22Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 23Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 24Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 25Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 26Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
data in the buffer. If bit 6 is a 1, then at least one bit of the data in the main memory page does
not match the data in the buffer.
Bit 1 in the Status Register is used to provide information to the user whether or not the sector
protection has been enabled or disabled, either by software-controlled method or hardware-con-
trolled method. A logic 1 indicates that sector protection has been enabled and logic 0 indicates
that sector protection has been disabled.
Bit 0 in the Status Register indicates whether the page size of the main memory array is config-
ured for “power of 2” binary page size (256 bytes) or the DataFlash standard page size
(264 bytes). If bit 0 is a 1, then the page size is set to 256 bytes. If bit 0 is a 0, then the page size
is set to 264 bytes.
The device density is indicated using bits 5, 4, 3, and 2 of the status register. For the
AT45DB011D, the four bits are 0011 The decimal value of these four binary bits does not equate
to the device density; the four bits represent a combinational code relating to differing densities
of DataFlash devices. The device density is not the same as the density code indicated in the
JEDEC device ID information. The device density is provided only for backward compatibility.
Table 11-1.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY/BUSY
COMP
0
0
1
1
PROTECT
PAGE SIZE


Similar Part No. - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com