Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP-155A4HDRH Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part # LCP-155A4HDRH
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155A4HDRH Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button LCP-155A4HDRH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 9Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 10Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 11Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 12Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DELTA ELECTRONICS, INC.
12
Nov., 2006
Rev. 1E
www.deltaww.com
PS: Sensitivity optical power of receiver
5) Byte 95 contains the low order 8bits of sum of bytes 0-94
6)
State/ Control Bits
Byte
Bit
Name
Description
110
7
Tx Disable State
Digital state of the Tx disable input pin
110
6
Soft Tx Disable
Read/ Write bit that allow software disable of laser
110
5
Reserved
110
4
Rate Select tate
NA
110
3
Soft Rate Select
NA
110
2
Tx Fault
Digital state of the Tx fault output pin
110
1
LOS
Digital state of the LOS output pin.
110
0
Data_Ready_Bar
NA
7)
Optional Set of Alarm and Warning
Byte
Bit
Name
Description
112
7
Temp High Alarm
Set when internal temperature exceeds high alarm level
112
6
Temp Low Alarm
Set when internal temperature is below low alarm level
112
5
Vcc High Alarm
Set when internal supply voltage exceeds high alarm level
112
4
Vcc Low Alarm
Set when internal supply voltage is below low alarm level
112
3
Tx Bias High Alarm
Set when Tx Bias current exceeds high alarm level
112
2
Tx Bias Low Alarm
Set when Tx Bias current is below low alarm level
112
1
Tx Power High Alarm
Set when Tx output power exceeds high alarm level
112
0
Tx Power Low Alarm
Set when Tx output power is below low alarm level
113
7
Rx Power High Alarm
Set when received power exceeds high alarm level
113
6
Rx Power Low Alarm
Set when received power is below low alarm level
113
5-0
Reserved
116
7
Temp High Warning
Set when internal temperature exceeds high warning level
116
6
Temp Low Warning
Set when internal temperature is below low warning level
116
5
Vcc High Warning
Set when internal supply voltage exceeds high warning level
116
4
Vcc Low Warning
Set when internal supply voltage is below low warning level
116
3
Tx Bias High Warning
Set when Tx Bias current exceeds high warning level
116
2
Tx Bias Low Warning
Set when Tx Bias current is below low warning level
116
1
Tx Power High Warning
Set when Tx output power exceeds high warning level
116
0
Tx Power Low Warning
Set when Tx output power is below low warning level
117
7
Rx Power High Warning
Set when received power exceeds high warning level
117
6
Rx Power Low Warning
Set when received power is below low warning level
117
5-0
Reserved
Digital Diagnostic Monitor Accuracy
Parameter
Typical Value
Note
Transceiver Temperature
± 3℃
1
Power Supply Voltage
± 3%
2
TX Bias Current
± 10%
TX Optical Power
± 1.5dB
RX Optical Power
± 3dB
Notes:


Similar Part No. - LCP-155A4HDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRH DELTA-LCP-155A4HSRH Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRT DELTA-LCP-155A4HSRT Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results

Similar Description - LCP-155A4HDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com