Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP-155A4HDRH Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # LCP-155A4HDRH
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155A4HDRH Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  LCP-155A4HDRH Datasheet HTML 1Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 2Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 3Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 4Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155A4HDRH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DELTA ELECTRONICS, INC.
3
Nov., 2006
Rev. 1E
www.deltaww.com
Optical Characteristics
(VCC=3.3V ± 5%, Data Rate=155Mb/sec, PRBS=2
23-1 NRZ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
PO
-20
-15
-5
-14
-8
0
dBm
Optical Extinction Ratio
ER
10
dB
Center Wavelength
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
λC
1260
1261
1263
1360
1360
1360
nm
Spectral Width (RMS)
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
σ
7.7
7.7
3
nm
Optical Rise/ Fall Time
tr/tf
2
nsec
1
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU recommendation
G.957
Receiver
Sensitivity (Avg.)
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
PIN
-31
-31
-34
dBm
2
Input Optical Wavelength
λ
1100
1600
nm
LOS-Deasserted (Avg.)
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
PA
-31
-31
-34
dBm
LOS-Asserted (Avg.)
PD
-45
dBm
LOS-Hysteresis
PA-PD
0.5
dB
Overload
LCP-155A4HDR
LCP-155B4JDR
LCP-155B4MDR
PO
-14
-8
-10
dBm
Notes:
1. These are unfiltered 10%~90% values
2. The sensitivity is provided at a BER of 1×10
-10 or better with an input signal consisting of 155Mb/s,
2
23-1 PRBS and ER=9dB.


Similar Part No. - LCP-155A4HDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRH DELTA-LCP-155A4HSRH Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSRT DELTA-LCP-155A4HSRT Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results

Similar Description - LCP-155A4HDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com