Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC-1250A4F2T Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LC-1250A4F2T
Description  RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-1250A4F2T Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LC-1250A4F2T Datasheet HTML 1Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 2Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 3Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 4Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 5Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 6Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 7Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 8Page - Delta Electronics, Inc. LC-1250A4F2T Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LC-1250xxxxRx Series
DELTA ELECTRONICS, INC.
1
Sep., 2006
Rev. 0E
www.deltaww.com
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit
Ethernet
FEATURES
Compliant with SFF transceiver MSA
specification
Compliant with specifications for IEEE
802.3z/Gigabit Ethernet
LC-1250BxQxRx compliant with the
1.0625GBd Fiber Channel 100-SM-LC-L FC-PI
Rev.13
LC-1250AxFxRx compliant with the
1.0625GBd Fiber Channel FC-PI 100-M5-SN-I
Rev.13
Single + 3.3V power supply
Laser Class 1 product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Duplex LC connector interface
TTL or PECL signal detect level
RoHS Compliant per Directive 2002/95/EC
Description
The LC-1250xxxxRx series are high performance,
cost effective optical transceivers intended for
1250 Mb/s. They are designed to provide
Gigabit Ethernet compliant link at 1250 Mb/s for
short,
intermediate
and
long
reach
links,
respectively.
The LC-1250xxxxRx series provide with the LC
receptacle
those
are
compatible
with
the
industry standard LC connector.
The LC-1250xxxxRx series are Class 1 eye
safety product. The optical power levels, under
normal operation, are at eye safe level.
Applications
Switch to switch interface
Switched backplane applications
File server interface
Performance
LC-1250AxFxRx:
850nm VCSEL, up to 500m in 50/125μm MMF
850nm VCSEL, up to 220m in 62.5/125μm MMF
LC-1250BxQxRx:
1310nm FP laser, up to 10km in 9/125μm SMF
1310nm FP laser, up to 550m in 50/125μm
MMF
1310nm FP laser, up to 550m in 62.5/125μm
MMF


Similar Part No. - LC-1250A4F2T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-128 SUMIDA-LC-128 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
LC-128 SUMIDA-LC-128 Datasheet
132Kb / 1P
   General Power Transformer
More results

Similar Description - LC-1250A4F2T

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com