Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P3596G-XX-TQ5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P3596G-XX-TQ5-R
Description  150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3596G-XX-TQ5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P3596G-XX-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P3596G-XX-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P3596G-XX-TQ5-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 3 page
background image
P3596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-023.I
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON/OFF CONTROL
Low
VIH
Regulator ON
0.6
1.3
ON/OFF Pin Logic Input
Threshold Voltage
High
VIL
Regulator OFF
2.0
V
IH
VLOGIC=2.5V (Regulator OFF)
5
15
μA
ON/OFF Pin Input Current
IL
VLOGIC=0.5V (Regulator ON)
0.02
5
μA
Notes: 1.The switching frequency is reduced when the second stage current limit is activated.
2.No diode, inductor or capacitor connected to output pin.
3.Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
4.Feedback pin removed from output and connected to 15V for the 12V version, and 12V for others to force
the output transistor switch OFF.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com