Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276 Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 215Page - STMicroelectronics ST10F276_06 Datasheet HTML 216Page - STMicroelectronics ST10F276_06 Datasheet HTML 217Page - STMicroelectronics ST10F276_06 Datasheet HTML 218Page - STMicroelectronics ST10F276_06 Datasheet HTML 219Page - STMicroelectronics ST10F276_06 Datasheet HTML 220Page - STMicroelectronics ST10F276_06 Datasheet HTML 221Page - STMicroelectronics ST10F276_06 Datasheet HTML 222Page - STMicroelectronics ST10F276_06 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 229 page
background image
ST10F276
Electrical characteristics
219/229
Figure 65.
CLKOUT and READY
1.
Cycle as programmed, including MCTC wait states (Example shows 0 MCTC WS).
2.
The leading edge of the respective command depends on RW-delay.
3.
READY sampled HIGH at this sampling point generates a READY controlled wait state, READY sampled
LOW at this sampling point terminates the currently running bus cycle.
4.
READY may be deactivated in response to the trailing (rising) edge of the corresponding command (RD or
WR).
5.
If the Asynchronous READY signal does not fulfill the indicated setup and hold times with respect to
CLKOUT (for example, because CLKOUT is not enabled), it must fulfill t37 in order to be safely
synchronized. This is guaranteed if READY is removed in response to the command (see Note 4).
6.
Multiplexed bus modes have a MUX wait state added after a bus cycle, and an additional MTTC wait state
may be inserted here.
For a multiplexed bus with MTTC wait state this delay is 2 CLKOUT cycles; for a demultiplexed bus without
MTTC wait state this delay is zero.
7.
The next external bus cycle may start here.
t30
t34
t35
t36
t35
t36
t58
t59
t58
t59
wait state
READY
MUX / Tri-state 6)
t32
t33
t29
Running cycle 1)
t31
t37
3)
3)
5)
t60 4)
6)
2)
7)
3)
3)
CLKOUT
ALE
RD, WR
Synchronous
Asynchronous
READY
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com