Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8366 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 184 page
background image
56F8366 Technical Data, Rev. 6
112
Freescale Semiconductor
Preliminary
5.6.30.5 Reserved—Bit 4
This bit field is reserved or not implemented. It is read as 1 and cannot be modified by writing.
5.6.30.6 IRQB State Pin (IRQB STATE)—Bit 3
This read-only bit reflects the state of the external IRQB pin.
5.6.30.7 IRQA State Pin (IRQA STATE)—Bit 2
This read-only bit reflects the state of the external IRQA pin.
5.6.30.8 IRQB Edge Pin (IRQB Edg)—Bit 1
This bit controls whether the external IRQB interrupt is edge- or level-sensitive. During Stop and Wait
modes, it is automatically level-sensitive.
•0 = IRQB interrupt is a low-level sensitive (default)
•1 = IRQB interrupt is falling-edge sensitive
5.6.30.9 IRQA Edge Pin (IRQA Edg)—Bit 0
This bit controls whether the external IRQA interrupt is edge- or level-sensitive. During Stop and Wait
modes, it is automatically level -ensitive.
•0 = IRQA interrupt is a low-level sensitive (default)
•1 = IRQA interrupt is falling-edge sensitive
5.6.31 Reserved—Base + $1E
5.6.32 Interrupt Priority Register 10 (IPR10)
Note: This register is NOT available in the 56F8166 device.
5.6.32.1 Reserved—Bits 15–8
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
Base + $1F
15
14
13
12 11 10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
FLECAN2_
MSGBUF IPL
FLECAN2_
WKUP IPL
FLECAN2_
ERR IPL
FLECAN2_
BOFF IPL
Write
RESET
0
0
0
1
0
0
0
0
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com