Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMIC25BPQR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 97Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 98Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 99Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 100Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 101Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 102Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 103Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 104Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 145 page
background image
6.5.13
LDO4 MAIN mode control register (LDO4_MAIN_CR)
Table 66. LDO4_MAIN_CR
7
6
5
4
3
2
1
0
INPUT_SRC[1:0]
reserved
reserved
reserved
reserved
reserved
EN
R/W
R/W
R
R
R
R
R
R/W
•
Address: 0x55
•
Default: 0b0000000X where X depends on the value programmed in the NVM
•
Description: LDO4 MAIN mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable or to force the power input source of LDO4, which is applied to the MAIN mode (see Section 5.4.6).
[7:6]
INPUT_SRC[1:0]: force power input source
00: automatic input source selection (the higher voltage is automatically selected)
01: supply input source is VIN
10: supply input source is VBUS
11: automatic input source selection (the higher voltage is automatically selected)
[5:1] reserved
[0]
EN:
0: LDO4 is disabled
1: LDO4 is enabled
The default value is defined in the LDO4_RANK[2:0] bit field of the NVM_LDOs_RANK_SHR2 NVM shadow registers. If
LDO4_RANK[2:0] = 0, LDO4 is disabled at power-up. If LDO4_RANK[2:0] = y (with 6 > y > 0), LDO4 is enabled at
power-up at rank y (see Section 5.2)
STPMIC25
Register descriptions
DS14278 - Rev 3
page 101/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com