Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G6K-2P Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6K-2P
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2P Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G6K-2P Datasheet HTML 2Page - Omron Electronics LLC G6K-2P Datasheet HTML 3Page - Omron Electronics LLC G6K-2P Datasheet HTML 4Page - Omron Electronics LLC G6K-2P Datasheet HTML 5Page - Omron Electronics LLC G6K-2P Datasheet HTML 6Page - Omron Electronics LLC G6K-2P Datasheet HTML 7Page - Omron Electronics LLC G6K-2P Datasheet HTML 8Page - Omron Electronics LLC G6K-2P Datasheet HTML 9Page - Omron Electronics LLC G6K-2P Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
97
G6K
G6K
G6K-2F-Y
G6K-2G-Y
G6K-2P-Y
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of ±0.3 mm.
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of ±0.3 mm.
Tolerance: ±0.1 mm
Tolerance: ±0.1 mm
Mounting Dimensions (Bottom View)
Terminal Arrangement/
Internal Connections
(Bottom View)
Orientation mark
Note: Each value has a tolerance of ±0.3 mm.
Eight,
0.8-dia. holes
Tolerance: ±0.1 mm
G6KU-2F-Y
G6KU-2G-Y
G6KU-2P-Y
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Tolerance:
±0.1 mm
Tolerance:
±0.1 mm
Mounting Dimensions (Bottom View) Terminal Arrangement/
Internal Connections
(Bottom View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Eight, 0.8-dia. holes
Tolerance:
±0.1 mm


Similar Part No. - G6K-2P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 12P
   Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
G6K-2P-RF OMRON-G6K-2P-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
More results

Similar Description - G6K-2P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com