Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G6K-2P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6K-2P
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2P Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6K-2P Datasheet HTML 1Page - Omron Electronics LLC G6K-2P Datasheet HTML 2Page - Omron Electronics LLC G6K-2P Datasheet HTML 3Page - Omron Electronics LLC G6K-2P Datasheet HTML 4Page - Omron Electronics LLC G6K-2P Datasheet HTML 5Page - Omron Electronics LLC G6K-2P Datasheet HTML 6Page - Omron Electronics LLC G6K-2P Datasheet HTML 7Page - Omron Electronics LLC G6K-2P Datasheet HTML 8Page - Omron Electronics LLC G6K-2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
95
G6K
G6K
Note:
1. The tests were conducted at an ambient temperature of 23
°C.
2. High-frequency characteristics depend on the PCB to which the Relay is mounted. Always check these characteristics including
endurance in the actual machine before use.
Sample
Not energized
Sample
Energized
Must operate voltage
Must release voltage
Initial stage
Test
Average value
Initial stage
Test
Average value
Sample
Not energized
Sample
Energized
Initial stage
Test
Average value
Initial stage
Test
Average value
Must operate voltage
Must release voltage
Contact Reliability Test (See note.)
G6K-2G (F/P), G6K-2G (F/P)-Y
Operating frequency (x10 operations)
Note 1:
The test was conducted at an ambient temperature of 23
°C.
Sample: G6K-2G
Number of Relays: 10
Test conditions: 10 mA resistive load at
10 mVDC with an operation rate of 50 %
Switching frequency: 7,200 operations/h
NO
contact
NC
contact
External Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
(Average value)
Sample: G6K-2G
Number of Relays: 10
Must operate voltage
Must release voltage
External magnetic field (A/m)
(Average value)
Sample: G6K-2G
Number of Relays: 10
Must operate voltage
Must release voltage
External magnetic field (A/m)
(Average value)
Sample: G6K-2G
Number of Relays: 10
External magnetic field (A/m)
High-frequency Characteristics
(Isolation)
G6K-2G (F/P), G6K-2G (F/P)-Y
(Average value)
(Average value)
(Average value)
Frequency (MHz)
Frequency (MHz)
High-frequency Characteristics
(Insertion Loss)
G6K-2G (F/P), G6K-2G (F/P)-Y
High-frequency Characteristics
(Return Loss)
G6K-2G (F/P),G6K-2G (F/P)-Y
Mutual Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
Mutual Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
Must operate voltage
Must release voltage
Frequency (MHz)
3
2:
The contact resistance data are periodically measured reference values and are not values from each monitoring operation.
Contact resistance values will vary according to the switching frequency and operating environment, so be sure to check
operation under the actual operating conditions before use.
Sample: G6K-2G
Number of Relays: 10
0
0.1
0.2
0.3
0.4
0.5
1
10
100
Sample: G6K-2G
Number of Relays: 10
1
10
100
Sample: G6K-2G
Number of Relays: 10
Return loss
V.SWR
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
1.4
1.35
1.3
1.25
1.2
1.15
1.1
1.05
1
1
10
100


Similar Part No. - G6K-2P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 12P
Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 10P
Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 10P
Low Signal Relay
G6K-2P OMRON-G6K-2P Datasheet
1Mb / 9P
Surface Mounting Relay with the World?셲 Smallest Mounting Area
G6K-2P-RF OMRON-G6K-2P-RF Datasheet
374Kb / 8P
Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
More results

Similar Description - G6K-2P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com