Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 111 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 111 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 107Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 108Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 109Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 110Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 111Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 112Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 113Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 114Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 109
dsPIC33FJ12MC201/202
9.4.3.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains sets
of 5-bit fields, with each set associated with one RPn
pin (see Register 9-14 through Register 9-21). The
value of the bit field corresponds to one of the periph-
erals, and that peripheral’s output is mapped to the pin
(see Table 9-2 and Figure 9-3).
The list of peripherals for output mapping also includes
a null value of 00000
because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 9-3:
MULTIPLEXING OF REMAPPABLE OUTPUT FOR RPn
TABLE 9-2:
OUTPUT SELECTION FOR REMAPPABLE PIN (RPn)
Function
RPnR<4:0>
Output Name
NULL
00000
RPn tied to default port pin
U1TX
00011
RPn tied to UART1 Transmit
U1RTS
00100
RPn tied to UART1 Ready To Send
SDO1
00111
RPn tied to SPI1 Data Output
SCK1OUT
01000
RPn tied to SPI1 Clock Output
SS1OUT
01001
RPn tied to SPI1 Slave Select Output
OC1
10010
RPn tied to Output Compare 1
OC2
10011
RPn tied to Output Compare 2
UPDN
11010
RPn tied to QEI direction (UPDN) status
0
26
3
RPnR<4:0>
default
U1TX Output enable
U1RTS Output enable 4
UPDN Output enable
19
OC2 Output enable
0
26
3
default
U1TX Output
U1RTS Output 4
UPDN Output
19
OC2 Output
Output enable
Output Data
RPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com