Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 145 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 145 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 141Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 142Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 144Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 145Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 146Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 147Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 148Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 143
dsPIC33FJ12MC201/202
14.0 MOTOR CONTROL PWM
MODULE
The dsPIC33FJ12MC201/202 device supports up to
two dedicated Pulse Width Modulation (PWM)
modules. The PWM1 module is a 6-channel PWM
generator, and the PWM2 module is a 2-channel PWM
generator.
The PWM module has the following features:
• Up to 16-bit resolution
• On-the-fly PWM frequency changes
• Edge and Center-Aligned Output modes
• Single Pulse Generation mode
• Interrupt support for asymmetrical updates in
Center-Aligned mode
• Output override control for Electrically
Commutative Motor (ECM) operation or BLDC
• Special Event comparator for scheduling other
peripheral events
• Fault pins to optionally drive each of the PWM
output pins to a defined state
• Duty cycle updates configurable to be immediate
or synchronized to the PWM time base
14.1
PWM1: 6-Channel PWM Module
This module simplifies the task of generating multiple
synchronized PWM outputs. The following power and
motion control applications are supported by the PWM
module:
• 3-Phase AC Induction Motor
• Switched Reluctance (SR) Motor
• Brushless DC (BLDC) Motor
• Uninterruptible Power Supply (UPS)
This module contains three duty cycle generators,
numbered 1 through 3. The module has six PWM
output pins, numbered PWM1H1/PWM1L1 through
PWM1H3/PWM1L3. The six I/O pins are grouped into
high/low numbered pairs, denoted by the suffix H or L,
respectively. For complementary loads, the low PWM
pins are always the complement of the corresponding
high I/O pin.
14.2
PWM2: 2-Channel PWM Module
This
module
provides
an
additional
pair
of
complimentary PWM outputs that can be used for:
• Independent PFC correction in a motor system
• Induction cooking
This module contains a duty cycle generator that
provides two PWM outputs, numbered PWM2H1/
PWM2L1.
Note:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
chapters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com