Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLRC63201T/0FE Datasheet(PDF) 122 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 118Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 119Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 120Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 121Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 122Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 123Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 124Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 125Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
122
Confidential
18.4.3 TRANSCEIVE COMMAND 1EHEX
Command
Codehex
Action
Arguments and Data
Returned Data
Transceive
1E
Transmits data from FIFO buffer to the card and
then activates automatically the receiver
Data Stream
Data Stream
The Transceive-Command first executes the Transmit-Command (see 18.4.1) and then automatically starts
the Receive-Command (see 18.4.2). All data that shall be transmitted is forwarded via the FIFO buffer and all
data received is returned via the FIFO buffer. The Transceive-Command can be started only by the
µ-Processor.
Note: To adjust the timing relation between transmitting and receiving, the RxWait Register is used to define
the time delay from the last bit transmitted until the receiver is activated. Furthermore, the BitPhase Register
determines the phase-shift between the transmitter and the receiver clock.
18.4.4 STATES OF THE CARD COMMUNICATION
The actual state of the transmitter and receiver state machine can be fetched from ModemState in the
PrimaryStatus Register.
The assignment of ModemState to the internal action is shown in the following table:
ModemState
Name of State
Description
000
Idle
Neither the transmitter nor the receiver is in operation,
since none of them is started or the transmitter has not got input data
001
TxSOF
Transmitting the ‘Start Of Frame’ Pattern
010
TxData
Transmitting data from the FIFO buffer (or redundancy check bits)
011
TxEOF
Transmitting the ‘End Of Frame’ Pattern
GoToRx1
Intermediate state passed, when receiver starts
100
GoToRx2
Intermediate state passed, when receiver finishes
101
PrepareRx
Waiting until the time period selected in the RxWait Register has expired
110
AwaitingRx
Receiver activated; Awaiting an input signal at pin Rx
111
Receiving
Receiving data
Table 18-4: Meaning of ModemState



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com