Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RQL1001JLAQH Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RQL1001JLAQH
Description  SiGe MMIC High Frequency Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQL1001JLAQH Datasheet(HTML) 4 Page - Renesas Technology Corp

  RQL1001JLAQH Datasheet HTML 1Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 2Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 3Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 4Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 5Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 6Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 7Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 8Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RQL1001JLAQH
REJ03G1539-0100 Rev.1.00 May 16, 2007
Page 4 of 8
.2
.4
.6
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
4
–4
3 4
Power Gain, Noise Figure
vs. Frequency
Frequency f (GHz)
S Parameter vs. Frequency
Test condition : VCC = 3 V, Vctrl = 2.7 V
2.0 to 3.0 GHz (0.1 GHz step)
S Parameter vs. Frequency
Power Gain, Noise Figure
vs. Control Voltage
Control Voltage Vctrl (V)
Frequency f (GHz)
S22
S11
2.0
2.5
3.0
0
5
10
15
30
0.0
1.0
2.0
2.5
3.0
VCC = 3 V
Vctrl = 2.7 V
PG
NF
20
25
1.5
0.5
-30
-20
-10
0
10
20
13
4
2
VCC = 3 V
Vctrl = 2.7 V
S11
S21
S22
1.5
3.5
2.5
0
10
15
25
0
1
2
4
5
20
5
2.0
3.0
3
VCC = 3 V
f = 2.45 GHz
PG
NF
Input Power Pin (dBm)
Input Power Pin (dBm)
Pin - Pout Characteristics
3rd. Order Intermodulation Distortion
-20
0
-30
-80
-40
-10
-20
-10
0
-30
-30
-40
0
-20
20
-60
-40
10
30
0
20
10
30
5
15
-10
20
0
VCC = 3 V
Vctrl = 2.7 V
f = 2.45 GHz
VCC = 3 V
Vctrl = 2.7 V
f = 2.45 GHz
-20
25
PG
Pout
Iope
Fundamental
(1 tone)
IMD3
(2 tone:
∆f = 1 MHz)


Similar Part No. - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
More results

Similar Description - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
SiGe MMIC amplifier
2002 May 17
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com