Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RQL1001JLAQH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RQL1001JLAQH
Description  SiGe MMIC High Frequency Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQL1001JLAQH Datasheet(HTML) 8 Page - Renesas Technology Corp

  RQL1001JLAQH Datasheet HTML 1Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 2Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 3Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 4Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 5Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 6Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 7Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 8Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RQL1001JLAQH
REJ03G1539-0100 Rev.1.00 May 16, 2007
Page 8 of 8
Package Dimensions
S
y
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
c
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
2.0
0.3
0.2
0.2
0.25
0.9
0.15
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.25
0.25
2.2
1.35
2.2
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
SC-88
0.006g
MASS[Typ.]
CMPAK-6 / CMPAK-6V
PTSP0006JA-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
CMPAK-6
Ordering Information
Part Name
Quantity
Shipping Container
RQL1001JLTL-E
3000 pcs
φ178 mm reel, 8 mm emboss taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
More results

Similar Description - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
SiGe MMIC High Frequency Low Noise Amplifier
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
SiGe MMIC amplifier
2002 May 17
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com