Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RQL1001JLAQH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RQL1001JLAQH
Description  SiGe MMIC High Frequency Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQL1001JLAQH Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQL1001JLAQH Datasheet HTML 1Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 2Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 3Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 4Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 5Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 6Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 7Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 8Page - Renesas Technology Corp RQL1001JLAQH Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REJ03G1539-0100 Rev.1.00 May 16, 2007
Page 1 of 8
RQL1001JLAQH
SiGe MMIC
High Frequency Low Noise Amplifier
REJ03G1539-0100
Rev.1.00
May 16, 2007
Features
• Small SMD package CMPAK-6.
• Ideal for wireless LAN(2.4 GHz / 5 GHz band), Cordless Phone, GPS antenna, IMS band applications
• Low noise, High gain,
NF = 1.2 dB, PG = 19.5 dB, f = 2.45 GHz
NF = 2.1 dB, PG = 16.5 dB, f = 5.85 GHz
• Having of power control terminal (Vctrl)
Outline
RENESAS Package code: PTSP0006JA-A
(Package name: CMPAK-6)
1. RFout
2. GND
3. Vctrl
4. GND
5. RFin
6. GND
3
1
6
4
2
5
Note:
Marking is “JL”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Supply Voltage
VCC
4
V
Maximum Current
ICC
20
mA
Maximum Input Power
Pin max
+5
dBm
Total Power Dissipation
Pt
80
Note
mW
Operating Case Temperature
Tc(op)
–10 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Note:
Value on PCB ( FR-4 : 40 x 40 x 1.6 mm double side )


Similar Part No. - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
More results

Similar Description - RQL1001JLAQH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
SiGe MMIC High Frequency Low Noise Amplifier
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
SiGe MMIC amplifier
2002 May 17
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com