| Electronic Components Datasheet Search |
|
PIC18F44J10-E/SP Datasheet(PDF) 126 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/SP Datasheet(HTML) 126 Page - Microchip Technology |
|
126 / 358 page ![]() PIC18F45J10 FAMILY DS39682C-page 124 Preliminary © 2007 Microchip Technology Inc. 13.1 CCP Module Configuration Each Capture/Compare/PWM module is associated with a control register (generically, CCPxCON) and a data register (CCPRx). The data register, in turn, is comprised of two 8-bit registers: CCPRxL (low byte) and CCPRxH (high byte). All registers are both readable and writable. 13.1.1 CCP MODULES AND TIMER RESOURCES The CCP modules utilize Timers 1 or 2, depending on the mode selected. Timer1 is available to modules in Capture or Compare modes, while Timer2 is available for modules in PWM mode. TABLE 13-1: ECCP/CCP MODE – TIMER RESOURCE Both modules may be active at any given time and may share the same timer resource if they are configured to operate in the same mode (Capture/Compare or PWM) at the same time. The interactions between the two modules are summarized in Figure 13-1 and Figure 13-2. In Timer1 in Asynchronous Counter mode, the capture operation will not work. 13.1.2 CCP2 PIN ASSIGNMENT The pin assignment for CCP2 (Capture input, Compare and PWM output) can change, based on device config- uration. The CCP2MX configuration bit determines which pin CCP2 is multiplexed to. By default, it is assigned to RC1 (CCP2MX = 1). If the configuration bit is cleared, CCP2 is multiplexed with RB3. Changing the pin assignment of CCP2 does not auto- matically change any requirements for configuring the port pin. Users must always verify that the appropriate TRIS register is configured correctly for CCP2 operation regardless of where it is located. TABLE 13-2: INTERACTIONS BETWEEN ECCP1/CCP1 AND CCP2 FOR TIMER RESOURCES ECCP/CCP Mode Timer Resource Capture Compare PWM Timer1 Timer1 Timer2 CCP1 Mode CCP2 Mode Interaction Capture Capture Each module uses TMR1 as the time base. Capture Compare CCP2 can be configured for the Special Event Trigger to reset TMR1. Automatic A/D conversions on the trigger event can also be done. Operation of ECCP1/CCP1 will be affected. Compare Capture ECCP1/CCP1 can be configured for the Special Event Trigger to reset TMR1. Operation of CCP2 will be affected. Compare Compare Either module can be configured for the Special Event Trigger to reset TMR1. Automatic A/D conversions on the CCP2 trigger event can be done. Capture PWM(1) None Compare PWM(1) None PWM(1) Capture None PWM(1) Compare None PWM(1) PWM Both PWMs will have the same frequency and update rate (TMR2 interrupt). Note 1: Includes standard and Enhanced PWM operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |