Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4685-I/SP Datasheet(PDF) 311 Page - Microchip Technology

Part # PIC18F4685-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4685-I/SP Datasheet(HTML) 311 Page - Microchip Technology

Back Button PIC18F4685-I/SP Datasheet HTML 307Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 308Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 309Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 310Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 311Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 312Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 313Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 314Page - Microchip Technology PIC18F4685-I/SP Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 484 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39761B-page 309
PIC18F2682/2685/4682/4685
REGISTER 23-49: MSEL1: MASK SELECT REGISTER 1(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
FIL7_1
FIL7_0
FIL6_1
FIL6_0
FIL5_1
FIL5_0
FIL4_1
FIL4_0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
FIL7_1:FIL7_0: Filter 7 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 5-4
FIL6_1:FIL6_0: Filter 6 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 3-2
FIL5_1:FIL5_0: Filter 5 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 1-0
FIL4_1:FIL4_0: Filter 4 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
Note 1:
This register is available in Mode 1 and 2 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com