| Electronic Components Datasheet Search |
|
PIC16F917-E/MLQTP Datasheet(PDF) 193 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917-E/MLQTP Datasheet(HTML) 193 Page - Microchip Technology |
|
193 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 191 PIC16F913/914/916/917/946 13.1.4 READING THE FLASH PROGRAM MEMORY To read a program memory location, the user must write two bytes of the address to the EEADRL and EEADRH registers, set the EEPGD control bit, and then set control bit RD of the EECON1 register. Once the read control bit is set, the program memory Flash controller will use the second instruction cycle to read the data. This causes the second instruction immedi- ately following the “BSF EECON1,RD” instruction to be ignored. The data is available in the very next cycle, in the EEDATL and EEDATH registers; therefore, it can be read as two bytes in the following instructions. EEDATL and EEDATH registers will hold this value until another read or until it is written to by the user (during a write operation). EXAMPLE 13-3: FLASH PROGRAM READ Note 1: The two instructions following a program memory read are required to be NOP’s. This prevents the user from executing a two-cycle instruction on the next instruction after the RD bit is set. 2: If the WR bit is set when EEPGD = 1, the WR bit will be immediately reset to ‘0’ and no operation will take place. BANKSEL EEADRL ; MOVLW MS_PROG_EE_ADDR; MOVWF EEADRH ;MS Byte of Program Address to read MOVLW LS_PROG_EE_ADDR; MOVWF EEADRL ;LS Byte of Program Address to read BANKSEL EECON1 ; BSF EECON1, EEPGD ;Point to PROGRAM memory BSF EECON1, RD ;EE Read ; NOP NOP ;Any instructions here are ignored as program ;memory is read in second cycle after BSF ; BANKSEL EEDATL ; MOVF EEDATL, W ;W = LS Byte of EEPROM Data program MOVWF DATAL ; MOVF EEDATH, W ;W = MS Byte of EEPROM Data program MOVWF DATAH ; |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |