Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/MLQTP Datasheet(PDF) 295 Page - Microchip Technology

Part # PIC18F23K20-E/MLQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/MLQTP Datasheet(HTML) 295 Page - Microchip Technology

Back Button PIC18F23K20-E/MLQTP Datasheet HTML 291Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 292Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 293Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 294Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 295Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 296Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 297Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 298Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 293
PIC18F2XK20/4XK20
REGISTER 23-4:
CONFIG3H: CONFIGURATION REGISTER 3 HIGH
R/P-1
U-0
U-0
U-0
R/P-1
R/P-0
R/P-1
R/P-1
MCLRE
—
—
—
HFOFST
LPT1OSC
PBADEN
CCP2MX
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
x = Bit is unknown
bit 7
MCLRE: MCLR Pin Enable bit
1
= MCLR pin enabled; RE3 input pin disabled
0
= RE3 input pin enabled; MCLR disabled
bit 6-4
Unimplemented: Read as ‘0’
bit 3
HFOFST: HFINTOSC Fast Start-up
1
= HFINTOSC starts clocking the CPU without waiting for the oscillator to stabilize.
0
= The system clock is held off until the HFINTOSC is stable.
bit 2
LPT1OSC: Low-Power Timer1 Oscillator Enable bit
1
= Timer1 configured for low-power operation
0
= Timer1 configured for higher power operation
bit 1
PBADEN: PORTB A/D Enable bit
(Affects ADCON1 Reset state. ADCON1 controls PORTB<4:0> pin configuration.)
1
= PORTB<4:0> pins are configured as analog input channels on Reset
0
= PORTB<4:0> pins are configured as digital I/O on Reset
bit 0
CCP2MX: CCP2 MUX bit
1
= CCP2 input/output is multiplexed with RC1
0
= CCP2 input/output is multiplexed with RB3
REGISTER 23-5:
CONFIG4L: CONFIGURATION REGISTER 4 LOW
R/P-1
R/P-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
DEBUG
XINST
—
—
—LVP
—
STVREN
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
x = Bit is unknown
bit 7
DEBUG: Background Debugger Enable bit
1
= Background debugger disabled, RB6 and RB7 configured as general purpose I/O pins
0
= Background debugger enabled, RB6 and RB7 are dedicated to In-Circuit Debug
bit 6
XINST: Extended Instruction Set Enable bit
1
= Instruction set extension and Indexed Addressing mode enabled
0
= Instruction set extension and Indexed Addressing mode disabled (Legacy mode)
bit 5-3
Unimplemented: Read as ‘0’
bit 2
LVP: Single-Supply ICSP Enable bit
1
= Single-Supply ICSP enabled
0
= Single-Supply ICSP disabled
bit 1
Unimplemented: Read as ‘0’
bit 0
STVREN: Stack Full/Underflow Reset Enable bit
1
= Stack full/underflow will cause Reset
0
= Stack full/underflow will not cause Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com