Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/MLQTP Datasheet(PDF) 363 Page - Microchip Technology

Part # PIC18F23K20-E/MLQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/MLQTP Datasheet(HTML) 363 Page - Microchip Technology

Back Button PIC18F23K20-E/MLQTP Datasheet HTML 359Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 360Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 361Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 362Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 363Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 364Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 365Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 366Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 361
PIC18F2XK20/4XK20
26.1
DC Characteristics: Supply Voltage, PIC18F2XK20/4XK20
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D001
VDD
Supply Voltage
1.8
—
3.6
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
—
—
0.7
V
See section on Power-on Reset for details
D004
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms See section on Power-on Reset for details
D005
VBOR
Brown-out Reset Voltage
BORV<1:0> = 11
1.8
—
—
V
BORV<1:0> = 10
—2.3
—
V
BORV<1:0> = 01
—2.8
—
V
BORV<1:0> = 00
—3.1
—
V
Note 1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM
data.
26.2
DC Characteristics: Power-Down Current, PIC18F2XK20/4XK20
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Device Characteristics
Typ
Max
Units
Conditions
D006
Power-down Current (IPD)(1)
0.1
—
nA
-40°C
VDD = 1.8V, (Sleep mode)
0.5
—
μA+25°C
2—
μA+85°C
10
—
μA
+125°C
D007
0.1
—
μA
-40°C
VDD = 3.0V, (Sleep mode)
0.5
—
μA+25°C
2—
μA+85°C
10
—
μA
+125°C
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and
all features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com