Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/MLQTP Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16F616-E/MLQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/MLQTP Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16F616-E/MLQTP Datasheet HTML 167Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 168Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 169Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 170Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 171Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 172Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 173Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 174Page - Microchip Technology PIC16F616-E/MLQTP Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 169
PIC16F610/616/16HV610/616
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
Revision B (12/06)
Added PIC16F610/16HV610 parts.
Replaced Package Drawings.
Revision C (03/2007)
Replaced Package Drawings (Rev. AM); Replaced
Development Support Section; Revised Product ID
System.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC® devices to the PIC16F6XX Family of
devices.
B.1
PIC16F676 to PIC16F610/616/16HV610/616
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F610/16HV610
PIC16F616/16HV616
Max Operating Speed
20 MHz
20 MHz
20 MHz
Max Program Memory (Words)
1024
1024
2048
SRAM (bytes)
64
64
128
A/D Resolution
10-bit
None
10-bit
Timers (8/16-bit)
1/1
1/1
2/1
Oscillator Modes
8
8
8
Brown-out Reset
Y
Y
Y
Internal Pull-ups
RA0/1/2/4/5
RA0/1/2/4/5, MCLR
RA0/1/2/4/5, MCLR
Interrupt-on-change
RA0/1/2/3/4/5
RA0/1/2/3/4/5
RA0/1/2/3/4/5
Comparator
1
2
2
ECCP
N
N
Y
INTOSC Frequencies
4 MHz
8 MHz
8 MHz
Internal Shunt Regulator
N
Y (PIC16HV610)
Y (PIC16HV616)
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com