Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/STQTP Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC12F635-E/STQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/STQTP Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC12F635-E/STQTP Datasheet HTML 117Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 118Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 119Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 120Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 121Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 122Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 123Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 124Page - Microchip Technology PIC12F635-E/STQTP Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 119
PIC12F635/PIC16F636/639
FIGURE 11-17:
SPI WRITE SEQUENCE
CS
SCLK/
LFDATA/RSSI/
TSU
THD
TCSSC
TSCCS
THI
TLO
1/FSCLK
TCS1
TCSH
TCS0
CCLK/SDIO
ALERT
LFDATA
SDI
(output)
(input)
(output)
SCLK
(input)
ALERT
(output)
LFDATA
(output)
16 Clocks for Write Command, Address and Data
ALERT
1
2
3
4
5
6
7
MCU SPI Write Details:
1.
Drive the AFE’s open collector ALERT output low.
•
To ensure no false clocks occur when CS drops.
2.
Drop CS.
•AFE SCLK/ALERT becomes SCLK input.
•
LFDATA/RSSI/CCLK/SDIO becomes SDI input.
3.
Change LFDATA/RSSI/CCLK/SDIO connected pin to output.
•
Driving SPI data.
4.
Clock in 16-bit SPI Write sequence - command, address, data and parity bit.
•
Command, address, data and parity bit.
5.
Change LFDATA/RSSI/CCLK/SDIO connected pin to input.
6.
Raise CS to complete the SPI Write.
7.
Change SCLK/ALERT back to input.
LSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com