Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPQTP Datasheet(PDF) 415 Page - Microchip Technology

Part # PIC18F23K20-E/SPQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPQTP Datasheet(HTML) 415 Page - Microchip Technology

Back Button PIC18F23K20-E/SPQTP Datasheet HTML 411Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 412Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 413Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 414Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 415Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 416Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 417Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 418Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 419Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 413
PIC18F2XK20/4XK20
Timer1 .............................................................................. 139
16-Bit Read/Write Mode ........................................... 141
Associated Registers ............................................... 144
Interrupt .................................................................... 142
Operation ................................................................. 140
Oscillator .......................................................... 139, 141
Oscillator Layout Considerations ............................. 142
Overflow Interrupt .................................................... 139
Resetting, Using the CCP Special Event Trigger ..... 142
Special Event Trigger (ECCP) ................................. 164
TMR1H Register ...................................................... 139
TMR1L Register ....................................................... 139
Use as a Real-Time Clock ....................................... 143
Timer2 .............................................................................. 145
Associated Registers ............................................... 146
Interrupt .................................................................... 146
Operation ................................................................. 145
Output ...................................................................... 146
Timer3 .............................................................................. 147
16-Bit Read/Write Mode ........................................... 149
Associated Registers ............................................... 150
Operation ................................................................. 148
Oscillator .......................................................... 147, 149
Overflow Interrupt ............................................ 147, 149
Special Event Trigger (CCP) .................................... 150
TMR3H Register ...................................................... 147
TMR3L Register ....................................................... 147
Timing Diagrams
A/D Conversion ........................................................ 385
Acknowledge Sequence .......................................... 217
Asynchronous Reception ......................................... 230
Asynchronous Transmission .................................... 226
Asynchronous Transmission (Back to Back) ........... 227
Auto Wake-up Bit (WUE) During Normal Operation 240
Auto Wake-up Bit (WUE) During Sleep ................... 241
Automatic Baud Rate Calculator .............................. 239
Baud Rate Generator with Clock Arbitration ............ 211
BRG Reset Due to SDA Arbitration During
Start Condition ................................................. 220
Brown-out Reset (BOR) ........................................... 372
Bus Collision During a Repeated Start
Condition (Case 1) ........................................... 221
Bus Collision During a Repeated Start
Condition (Case 2) ........................................... 221
Bus Collision During a Start Condition (SCL = 0) .... 220
Bus Collision During a Stop Condition (Case 1) ...... 222
Bus Collision During a Stop Condition (Case 2) ...... 222
Bus Collision During Start Condition (SDA only) ..... 219
Bus Collision for Transmit and Acknowledge ........... 218
Capture/Compare/PWM (CCP) ................................ 373
CLKO and I/O .......................................................... 370
Clock Synchronization ............................................. 204
Clock/Instruction Cycle .............................................. 67
Comparator Output .................................................. 263
Example SPI Master Mode (CKE = 0) ..................... 375
Example SPI Master Mode (CKE = 1) ..................... 376
Example SPI Slave Mode (CKE = 0) ....................... 377
Example SPI Slave Mode (CKE = 1) ....................... 378
External Clock (All Modes except PLL) .................... 369
Fail-Safe Clock Monitor (FSCM) ................................ 39
First Start Bit Timing ................................................ 212
Full-Bridge PWM Output .......................................... 170
Half-Bridge PWM Output ................................. 168, 175
High/Low-Voltage Detect Characteristics ................ 366
High/Low-Voltage Detect Operation
(VDIRMAG = 0) ............................................... 279
High/Low-Voltage Detect Operation
(VDIRMAG = 1) ............................................... 280
I2C Bus Data ............................................................ 379
I2C Bus Start/Stop Bits ............................................ 379
I2C Master Mode (7 or 10-Bit Transmission) ........... 215
I2C Master Mode (7-Bit Reception) ......................... 216
I2C Slave Mode (10-Bit Reception, SEN = 0) .......... 200
I2C Slave Mode (10-Bit Reception, SEN = 1) .......... 206
I2C Slave Mode (10-Bit Transmission) .................... 201
I2C Slave Mode (7-bit Reception, SEN = 0) ............ 198
I2C Slave Mode (7-Bit Reception, SEN = 1) ............ 205
I2C Slave Mode (7-Bit Transmission) ...................... 199
I2C Slave Mode General Call Address
Sequence (7 or 10-Bit Address Mode) ............ 207
I2C Stop Condition Receive or Transmit Mode ........ 217
Internal Oscillator Switch Timing ............................... 37
Master SSP I2C Bus Data ....................................... 381
Master SSP I2C Bus Start/Stop Bits ........................ 381
Parallel Slave Port (PIC18F4XK20) ......................... 374
Parallel Slave Port (PSP) Read ............................... 134
Parallel Slave Port (PSP) Write ............................... 134
PWM Auto-shutdown
Auto-restart Enabled ........................................ 174
Firmware Restart ............................................. 174
PWM Direction Change ........................................... 171
PWM Direction Change at Near 100% Duty Cycle .. 172
PWM Output (Active-High) ...................................... 166
PWM Output (Active-Low) ....................................... 167
Repeat Start Condition ............................................ 213
Reset, Watchdog Timer (WDT), Oscillator Start-up
Timer (OST), Power-up Timer (PWRT) ........... 371
Send Break Character Sequence ............................ 242
Slave Synchronization ............................................. 189
Slow Rise Time (MCLR Tied to VDD,
VDD Rise > TPWRT) ............................................ 55
SPI Mode (Master Mode) ........................................ 188
SPI Mode (Slave Mode, CKE = 0) ........................... 190
SPI Mode (Slave Mode, CKE = 1) ........................... 190
Synchronous Reception (Master Mode, SREN) ...... 246
Synchronous Transmission ..................................... 244
Synchronous Transmission (Through TXEN) .......... 244
Time-out Sequence on POR w/PLL Enabled
(MCLR Tied to VDD) .......................................... 55
Time-out Sequence on Power-up (MCLR
Not Tied to VDD, Case 1) ................................... 54
Time-out Sequence on Power-up (MCLR
Not Tied to VDD, Case 2) ................................... 54
Time-out Sequence on Power-up (MCLR
Tied to VDD, VDD Rise < TPWRT) ....................... 54
Timer0 and Timer1 External Clock .......................... 372
Transition for Entry to Sleep Mode ............................ 44
Transition for Wake from Sleep (HSPLL) .................. 44
Transition Timing for Entry to Idle Mode .................... 45
Transition Timing for Wake from Idle to Run Mode ... 45
USART Synchronous Receive (Master/Slave) ........ 383
USART Synchronous Transmission (Master/Slave) 383
Timing Diagrams and Specifications ............................... 369
A/D Conversion Requirements ................................ 385
Capture/Compare/PWM Requirements ................... 374
CLKO and I/O Requirements ................................... 371
Example SPI Mode Requirements
(Master Mode, CKE = 0) .................................. 375
(Master Mode, CKE = 1) .................................. 376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com