Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPQTP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC18F23K20-E/SPQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPQTP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC18F23K20-E/SPQTP Datasheet HTML 119Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 120Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 121Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 122Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 123Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 124Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 125Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 126Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 121
PIC18F2XK20/4XK20
TABLE 10-3:
PORTB I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RB0/INT0/FLT0/
AN12
RB0
0
O
DIG
LATB<0> data output; not affected by analog input.
1
I
TTL
PORTB<0> data input; Programmable weak pull-up. Disabled when
analog input enabled.(1)
INT0
1
I
ST
External interrupt 0 input.
FLT0
1
I
ST
Enhanced PWM Fault input (ECCP1 module); enabled by software.
AN12
1
I
ANA
A/D input channel 12.(1)
RB1/INT1/AN10/
C12IN2-/P1C
RB1
0
O
DIG
LATB<1> data output; not affected by analog input.
1
I
TTL
PORTB<1> data input; Programmable weak pull-up. Disabled when
analog input enabled.(1)
INT1
1
I
ST
External Interrupt 1 input.
AN10
1
I
ANA
ADC input channel 10.(1)
C12IN2-
1
I
ANA
Comparators C1 and C2 inverting input, channel 2. Analog select is
shared with ADC.
P1C
0
O
DIG
ECCP PWM output (28-pin devices only).
RB2/INT2/AN8/
P1B
RB2
0
O
DIG
LATB<2> data output; not affected by analog input.
1
I
TTL
PORTB<2> data input; Programmable weak pull-up. Disabled when
analog input enabled.(1)
INT2
1
I
ST
External interrupt 2 input.
AN8
1
I
ANA
ADC input channel 8.(1)
P1B
0
O
DIG
ECCP PWM output (28-pin devices only).
RB3/AN9/C12IN3-/
CCP2
RB3
0
O
DIG
LATB<3> data output; not affected by analog input.
1
I
TTL
PORTB<3> data input; Programmable weak pull-up. Disabled when
analog input enabled.(1)
AN9
1
I
ANA
ADC input channel 9.(1)
C12IN3-
1
I
ANA
Comparators C1 and C2 inverting input, channel 3. Analog select is
shared with ADC.
CCP2(2)
0
O
DIG
CCP2 compare and PWM output.
1
I
ST
CCP2 capture input
RB4/KBI0/AN11/
P1D
RB4
0
O
DIG
LATB<4> data output; not affected by analog input.
1
I
TTL
PORTB<4> data input; Programmable weak pull-up. Disabled when
analog input enabled.(1)
KBI0
1
I
TTL
Interrupt-on-pin change.
AN11
1
I
ANA
ADC input channel 11.(1)
P1D
0
O
DIG
ECCP PWM output (28-pin devices only).
RB5/KBI1/PGM
RB5
0
O
DIG
LATB<5> data output.
1
I
TTL
PORTB<5> data input; Programmable weak pull-up.
KBI1
1
I
TTL
Interrupt-on-pin change.
PGM
x
I
ST
Single-Supply Programming mode entry (ICSP™). Enabled by LVP
Configuration bit; all other pin functions disabled.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
Configuration on POR is determined by the PBADEN Configuration bit. Pins are configured as analog inputs by default
when PBADEN is set and digital inputs when PBADEN is cleared.
2:
Alternate assignment for CCP2 when the CCP2MX Configuration bit is ‘0’. Default assignment is RC1.
3:
All other pin functions are disabled when ICSP or ICD are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com