Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-I/MSSQTP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F010-I/MSSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MSSQTP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F010-I/MSSQTP Datasheet HTML 97Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 98Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 99Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 100Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 101Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 102Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 103Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 104Page - Microchip Technology PIC16F010-I/MSSQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 99
PIC12F510/16F506
15.0
PACKAGING
15.1
Package Marking Information
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
12F510/P
0410
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F506-I/P
0410017
8-Lead SOIC (3.90 mm)
XXXXXXXX
XXXXYYWW
NNN
Example
PIC12F510-I
/SN0410
017
X X X
Y W W
N N
8-Lead 2x3 DFN*
B E 0
6 1 0
1 7
Example
* Standard PIC® device marking consists of Microchip part number, year code, week code and traceability code. For
PIC device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For
QTP devices, any special marking adders are included in QTP price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com