Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 170Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 171Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 172Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 173Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 174Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 175Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 176Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 177Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 178Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 177 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 175
PIC16F627A/628A/648A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F627A/628A/648A:Standard VDD range 3.0V to
5.5V
PIC16F627A/628A/648AT:VDD range 3.0V to 5.5V
(Tape and Reel)
PIC16LF627A/628A/648A:VDD range 2.0V to 5.5V
PIC16LF627A/628A/648AT:VDD range 2.0V to 5.5V
(Tape and Reel)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to+125°C
Package:
P=
PDIP
SO =
SOIC (Gull Wing, 7.50 mm body)
SS =
SSOP (5.30 mm
ML =
QFN (28 Lead)
Examples:
a)
PIC16F627A - E/P 301 = Extended
Temp.,
PDIP package, 20 MHz, normal VDD lim-
its, QTP pattern #301.
b)
PIC16LF627A - I/SO = Industrial Temp.,
SOIC package, 20 MHz, extended VDD
limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com