Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F631-E/SSQTP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16F631-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F631-E/SSQTP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16F631-E/SSQTP Datasheet HTML 121Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 122Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 126Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 127Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 128Page - Microchip Technology PIC16F631-E/SSQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 123
PIC16F631/677/685/687/689/690
10.1.4
READING THE FLASH PROGRAM
MEMORY (PIC16F685/PIC16F689/
PIC16F690)
To read a program memory location, the user must
write the Least and Most Significant address bits to the
EEADR and EEADRH registers, set the EEPGD con-
trol bit of the EECON1 register, and then set control bit
RD. Once the read control bit is set, the program mem-
ory Flash controller will use the second instruction
cycle to read the data. This causes the second instruc-
tion immediately following the “BSF
EECON1,RD
”
instruction to be ignored. The data is available in the
very next cycle, in the EEDAT and EEDATH registers;
therefore, it can be read as two bytes in the following
instructions.
EEDAT and EEDATH registers will hold this value until
another read or until it is written to by the user.
EXAMPLE 10-3:
FLASH PROGRAM READ
Note 1: The two instructions following a program
memory read are required to be NOPs.
This prevents the user from executing a
two-cycle
instruction
on
the
next
instruction after the RD bit is set.
2: If the WR bit is set when EEPGD = 1, it
will be immediately reset to ‘0’ and no
operation will take place.
BANKSEL EEADR
;
MOVF
MS_PROG_EE_ADDR, W
;
MOVWF
EEADRH
;MS Byte of Program Address to read
MOVF
LS_PROG_EE_ADDR, W
;
MOVWF
EEADR
;LS Byte of Program Address to read
BANKSEL EECON1
;
BSF
EECON1, EEPGD
;Point to PROGRAM memory
BSF
EECON1, RD
;EE Read
;
NOP
;First instruction after BSF EECON1,RD executes normally
NOP
;Any instructions here are ignored as program
;memory is read in second cycle after BSF EECON1,RD
;
BANKSEL EEDAT
;
MOVF
EEDAT, W
;W = LS Byte of Program Memory
MOVWF
LOWPMBYTE
;
MOVF
EEDATH, W
;W = MS Byte of Program EEDAT
MOVWF
HIGHPMBYTE
;
BANKSEL 0x00
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com