Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/SSQTP Datasheet(PDF) 260 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 260 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 256Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 257Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 258Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 259Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 260Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 261Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 262Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 263Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 258
Preliminary
© 2007 Microchip Technology Inc.
TABLE 17-10: PIC16F882/883/884/886/887 A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
AD130* TAD
A/D Clock Period
1.6
—
9.0
μsTOSC-based, VREF ≥ 3.0V
3.0
—
9.0
μsTOSC-based, VREF full range
A/D Internal RC
Oscillator Period
3.0
6.0
9.0
μs
ADCS<1:0> = 11 (ADRC mode)
At VDD = 2.5V
1.6
4.0
6.0
μsAt VDD = 5.0V
AD131
TCNV
Conversion Time
(not including
Acquisition Time)(1)
—11
—
TAD
Set GO/DONE bit to new data in A/D
Result register
AD132* TACQ
Acquisition Time
11.5
—
μs
AD133* TAMP
Amplifier Settling Time
—
—
5
μs
AD134
TGO
Q4 to A/D Clock Start
—
—
TOSC/2
TOSC/2 + TCY
—
—
—
—
If the A/D clock source is selected as
RC, a time of TCY is added before the
A/D clock starts. This allows the SLEEP
instruction to be executed.
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
ADRESH and ADRESL registers may be read on the following TCY cycle.
2:
See Section 9.3 “A/D Acquisition Requirements” for minimum conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com