Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/SSQTP Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 264Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 265Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 266Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 267Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 268Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 269Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 270Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 271Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 266
Preliminary
© 2007 Microchip Technology Inc.
28-Lead Plastic Small Outline (SO or OI) – Wide, 7.50 mm Body [SOIC]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
28
Pitch
e
1.27 BSC
Overall Height
A
–
–
2.65
Molded Package Thickness
A2
2.05
–
–
Standoff §
A1
0.10
–
0.30
Overall Width
E
10.30 BSC
Molded Package Width
E1
7.50 BSC
Overall Length
D
17.90 BSC
Chamfer (optional)
h
0.25
–
0.75
Foot Length
L
0.40
–
1.27
Footprint
L1
1.40 REF
Foot Angle Top
φ
0°
–
8°
Lead Thickness
c
0.18
–
0.33
Lead Width
b
0.31
–
0.51
Mold Draft Angle Top
α
5°
–
15°
Mold Draft Angle Bottom
β
5°
–
15°
c
h
h
L
L1
A2
A1
A
NOTE 1
12 3
b
e
E
E1
D
φ
β
α
N
Microchip Technology Drawing C04-052B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com