Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F690-E/SSQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16F690-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690-E/SSQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16F690-E/SSQTP Datasheet HTML 162Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 163Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 164Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 165Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 166Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 167Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 168Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 169Page - Microchip Technology PIC16F690-E/SSQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 164
© 2007 Microchip Technology Inc.
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300.0
0.00
16665
300.0
0.00
15359
300.0
0.00
9215
300.0
0.00
6666
1200
1200
-0.01
4166
1200
0.00
3839
1200
0.00
2303
1200
-0.02
1666
2400
2400
0.02
2082
2400
0.00
1919
2400
0.00
1151
2401
0.04
832
9600
9597
-0.03
520
9600
0.00
479
9600
0.00
287
9615
0.16
207
10417
10417
0.00
479
10425
0.08
441
10433
0.16
264
10417
0
191
19.2k
19.23k
0.16
259
19.20k
0.00
239
19.20k
0.00
143
19.23k
0.16
103
57.6k
57.47k
-0.22
86
57.60k
0.00
79
57.60k
0.00
47
57.14k
-0.79
34
115.2k
116.3k
0.94
42
115.2k
0.00
39
115.2k
0.00
23
117.6k
2.12
16
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300.0
0.01
3332
300.0
0.00
3071
299.9
-0.02
1666
300.1
0.04
832
1200
1200
0.04
832
1200
0.00
767
1199
-0.08
416
1202
0.16
207
2400
2398
0.08
416
2400
0.00
383
2404
0.16
207
2404
0.16
103
9600
9615
0.16
103
9600
0.00
95
9615
0.16
51
9615
0.16
25
10417
10417
0.00
95
10473
0.53
87
10417
0.00
47
10417
0.00
23
19.2k
19.23k
0.16
51
19.20k
0.00
47
19.23k
0.16
25
19.23k
0.16
12
57.6k
58.82k
2.12
16
57.60k
0.00
15
55.56k
-3.55
8
—
—
—
115.2k
111.1k
-3.55
8
115.2k
0.00
7
—
—
—
—
—
—
TABLE 12-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com