Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 297 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 297 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 293Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 294Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 297Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 298Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 299Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 300Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 295
PIC18F2XK20/4XK20
REGISTER 23-8:
CONFIG6L: CONFIGURATION REGISTER 6 LOW
U-0
U-0
U-0
U-0
R/C-1
R/C-1
R/C-1
R/C-1
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-4
Unimplemented: Read as ‘0’
bit 3
WRT3: Write Protection bit(1)
1
= Block 3 not write-protected
0
= Block 3 write-protected
bit 2
WRT2: Write Protection bit(1)
1
= Block 2 not write-protected
0
= Block 2 write-protected
bit 1
WRT1: Write Protection bit
1
= Block 1 not write-protected
0
= Block 1 write-protected
bit 0
WRT0: Write Protection bit
1
= Block 0 not write-protected
0
= Block 0 write-protected
Note 1:
Unimplemented in PIC18FX3K20 and PIC18FX4K20 devices; maintain this bit set.
REGISTER 23-9:
CONFIG6H: CONFIGURATION REGISTER 6 HIGH
R/C-1
R/C-1
R-1
U-0
U-0
U-0
U-0
U-0
WRTD
WRTB
WRTC(1)
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7
WRTD: Data EEPROM Write Protection bit
1
= Data EEPROM not write-protected
0
= Data EEPROM write-protected
bit 6
WRTB: Boot Block Write Protection bit
1
= Boot block not write-protected
0
= Boot block write-protected
bit 5
WRTC: Configuration Register Write Protection bit(1)
1
= Configuration registers not write-protected
0
= Configuration registers write-protected
bit 4-0
Unimplemented: Read as ‘0’
Note 1:
This bit is read-only in normal execution mode; it can be written only in Program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com