Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/SPQTP Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC18F258-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SPQTP Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC18F258-E/SPQTP Datasheet HTML 211Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 212Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 213Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 214Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 215Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 216Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 217Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 218Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 213
PIC18FXX8
REGISTER 19-17: RXBnEIDL: RECEIVE BUFFER n EXTENDED IDENTIFIER,
LOW BYTE REGISTERS
REGISTER 19-18: RXBnDLC: RECEIVE BUFFER n DATA LENGTH CODE REGISTERS
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
bit 7
bit 0
bit 7-0
EID7:EID0: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
RXRTR: Receiver Remote Transmission Request bit
1
= Remote transfer request
0
= No remote transfer request
bit 5
RB1: Reserved bit 1
Reserved by CAN spec and read as ‘0’.
bit 4
RB0: Reserved bit 0
Reserved by CAN spec and read as ‘0’.
bit 3-0
DLC3:DLC0: Data Length Code bits
1111
= Invalid
1110
= Invalid
1101
= Invalid
1100
= Invalid
1011
= Invalid
1010
= Invalid
1001
= Invalid
1000
= Data Length = 8 bytes
0111
= Data Length = 7 bytes
0110
= Data Length = 6 bytes
0101
= Data Length = 5 bytes
0100
= Data Length = 4 bytes
0011
= Data Length = 3 bytes
0010
= Data Length = 2 bytes
0001
= Data Length = 1 bytes
0000
= Data Length = 0 bytes
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com