Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/SPQTP Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC18F258-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SPQTP Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC18F258-E/SPQTP Datasheet HTML 185Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 186Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 187Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 188Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 189Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 190Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 191Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 192Page - Microchip Technology PIC18F258-E/SPQTP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 187
PIC18FXX8
TABLE 18-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(Kbps)
FOSC = 40 MHz
SPBRG
value
(decimal)
33 MHz
SPBRG
value
(decimal)
25 MHz
SPBRG
value
(decimal)
20 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-
NA
-
-
NA
-
-
NA
-
-
1.2
NA
-
-
NA
-
-
NA
-
-
NA
-
-
2.4
NA
-
-
2.40
-0.07
214
2.40
-0.15
162
2.40
+0.16
129
9.6
9.62
+0.16
64
9.55
-0.54
53
9.53
-0.76
40
9.47
-1.36
32
19.2
18.94
-1.36
32
19.10
-0.54
26
19.53
+1.73
19
19.53
+1.73
15
76.8
78.13
+1.73
7
73.66
-4.09
6
78.13
+1.73
4
78.13
+1.73
3
96
89.29
-6.99
6
103.13
+7.42
4
97.66
+1.73
3
104.17
+8.51
2
300
312.50
+4.17
1
257.81
-14.06
1
NA
-
-
312.50
+4.17
0
500
625
+25.00
0
NA
-
-
NA
-
-
NA
-
-
HIGH
625
-
0
515.63
-
0
390.63
-
0
312.50
-
0
LOW
2.44
-
255
2.01
-
255
1.53
-
255
1.22
-
255
BAUD
RATE
(Kbps)
FOSC = 16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
7.15909 MHz
SPBRG
value
(decimal)
5.0688 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-
NA
-
-
NA
-
-
NA
-
-
1.2
1.20
+0.16
207
1.20
+0.16
129
1.20
+0.23
92
1.20
0
65
2.4
2.40
+0.16
103
2.40
+0.16
64
2.38
-0.83
46
2.40
0
32
9.6
9.62
+0.16
25
9.77
+1.73
15
9.32
-2.90
11
9.90
+3.13
7
19.2
19.23
+0.16
12
19.53
+1.73
7
18.64
-2.90
5
19.80
+3.13
3
76.8
83.33
+8.51
2
78.13
+1.73
1
111.86
+45.65
0
79.20
+3.13
0
96
83.33
-13.19
2
78.13
-18.62
1
NA
-
-
NA
-
-
300
250
-16.67
0
156.25
-47.92
0
NA
-
-
NA
-
-
500
NA
-
-
NA
-
-
NA
-
-
NA
-
-
HIGH
250
-
0
156.25
-
0
111.86
-
0
79.20
-
0
LOW
0.98
-
255
0.61
-
255
0.44
-
255
0.31
-
255
BAUD
RATE
(Kbps)
FOSC = 4 MHz
SPBRG
value
(decimal)
3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
0.30
-0.16
207
0.30
+0.23
185
0.30
+0.16
51
0.26
-14.67
1
1.2
1.20
+1.67
51
1.19
-0.83
46
1.20
+0.16
12
NA
-
-
2.4
2.40
+1.67
25
2.43
+1.32
22
2.23
-6.99
6
NA
-
-
9.6
8.93
-6.99
6
9.32
-2.90
5
7.81
-18.62
1
NA
-
-
19.2
20.83
+8.51
2
18.64
-2.90
2
15.63
-18.62
0
NA
-
-
76.8
62.50
-18.62
0
55.93
-27.17
0
NA
-
-
NA
-
-
96
NA
-
-
NA
-
-
NA
-
-
NA
-
-
300
NA
-
-
NA
-
-
NA
-
-
NA
-
-
500
NA
-
-
NA
-
-
NA
-
-
NA
-
-
HIGH
62.50
-
0
55.93
-
0
15.63
-
0
0.51
-
0
LOW
0.24
-
255
0.22
-
255
0.06
-
255
0.002
-
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com