Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011A20E/P Datasheet(PDF) 148 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 148 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 144Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 145Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 146Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 147Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 148Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 149Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 150Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 151Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 146
© 2006 Microchip Technology Inc.
TABLE 20-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
dsPIC30F201x-30I
dsPIC30F301x-30I
Operating Junction Temperature Range
TJ
-40
+125
°C
Operating Ambient Temperature Range
TA
-40
+85
°C
dsPIC30F201x-20E
dsPIC30F301x-20E
Operating Junction Temperature Range
TJ
-40
+150
°C
Operating Ambient Temperature Range
TA
-40
+125
°C
Power Dissipation:
Internal chip power dissipation:
PD
PINT + PI/O
W
I/O Pin power dissipation:
Maximum Allowed Power Dissipation
PDMAX
(TJ - TA) /
θJA
W
TABLE 20-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 18-pin PDIP (P)
θJA
44
—
°C/W
1
Package Thermal Resistance, 18-pin SOIC (SO)
θJA
57
—
°C/W
1
Package Thermal Resistance, 28-pin SPDIP (SP)
θJA
42
—
°C/W
1
Package Thermal Resistance, 28-pin (SOIC)
θJA
49
—
°C/W
1
Package Thermal Resistance, 44-pin QFN
θJA
28
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-ja (
θJA) numbers are achieved by package simulations.
TABLE 20-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage(2)
DC10
VDD
Supply Voltage
2.5
—
5.5
V
Industrial temperature
DC11
VDD
Supply Voltage
3.0
—
5.5
V
Extended temperature
DC12
VDR
RAM Data Retention Voltage(3)
—1.5
—
V
DC16
VPOR
VDD Start Voltage (to ensure
internal Power-on Reset signal)
—VSS
—V
DC17
SVDD
VDD Rise Rate (to ensure
internal Power-on Reset signal)
0.05
V/ms 0-5V in 0.1 sec
0-3V in 60 ms
Note 1:
“Typ” column data is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
This is the limit to which VDD can be lowered without losing RAM data.
PINT
VDD
IDD
IOH
∑
–
()
×
=
PI/O
VDD
VOH
–
{} IOH
×
()
∑
VOL
I OL
×
()
∑
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com