Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011A20E/P Datasheet(PDF) 181 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 181 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 177Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 178Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 179Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 180Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 181Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 182Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 183Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 184Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 179
dsPIC30F2011/2012/3012/3013
AD24
EOFF
Offset Error
-2
-1.5
-1.25
LSb
VINL = AVSS = VREFL =
0V, AVDD = VREFH = 5V
AD24A EOFF
Offset Error
-2
-1.5
-1.25
LSb
VINL = AVSS = VREFL =
0V, AVDD = VREFH = 3V
AD25
—
Monotonicity(1)
—
—
—
—
Guaranteed
Dynamic Performance
AD30
THD
Total Harmonic Distortion
—
-71
—
dB
—
AD31
SINAD
Signal to Noise and
Distortion
—68
—
dB
—
AD32
SFDR
Spurious Free Dynamic
Range
—83
—
dB
—
AD33
FNYQ
Input Signal Bandwidth
—
—
100
kHz
—
AD34
ENOB
Effective Number of Bits
10.95
11.1
—
bits
—
TABLE 20-36: 12-BIT ADC MODULE SPECIFICATIONS (CONTINUED)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Note 1:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.
2:
Measurements taken with external VREF+ and VREF- used as the ADC voltage references.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com