Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/SP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC24HJ12GP201E/SP
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/SP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC24HJ12GP201E/SP Datasheet HTML 119Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 120Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 121Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 122Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 123Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 124Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 125Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 126Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 121
PIC24HJ12GP201/202
EXAMPLE 13-1:
PWM PERIOD AND DUTY CYCLE CALCULATIONS
TABLE 13-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 4 MIPS (FCY = 4 MHz)
TABLE 13-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 16 MIPS (FCY = 16 MHz)
TABLE 13-3:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 40 MIPS (FCY = 40 MHz)
PWM Frequency
7.6 Hz
61 Hz
122 Hz
977 Hz
3.9 kHz
31.3 kHz
125 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
PWM Frequency
30.5 Hz
244 Hz
488 Hz
3.9 kHz
15.6 kHz
125 kHz
500 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
PWM Frequency
76 Hz
610 Hz
1.22 Hz
9.77 kHz
39 kHz
313 kHz
1.25 MHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
1.
Find the Timer Period register value for a desired PWM frequency that is 52.08 kHz, where FCY = 16 MHz and a Timer2
prescaler setting of 1:1.
TCY
= 62.5 ns
PWM Period = 1/PWM Frequency = 1/52.08 kHz = 19.2 ms
PWM Period = (PR2 + 1) • TCY • (Timer2 Prescale Value)
19.2 ms
= (PR2 + 1) • 62.5 ns • 1
PR2
= 306
2.
Find the maximum resolution of the duty cycle that can be used with a 52.08 kHz frequency and a 32 MHz device clock rate:
PWM Resolution
= log10(FCY/FPWM)/log102) bits
=(log10(16 MHz/52.08 kHz)/log102) bits
= 8.3 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com