Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201I/ML Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC24HJ12GP201I/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201I/ML Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC24HJ12GP201I/ML Datasheet HTML 164Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 165Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 166Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 167Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 168Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 169Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 170Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 171Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 166
Preliminary
© 2007 Microchip Technology Inc.
18.2
On-Chip Voltage Regulator
All of the PIC24HJ12GP201/202 devices power their
core digital logic at a nominal 2.5V. This can create a
conflict for designs that are required to operate at a
higher typical voltage, such as 3.3V. To simplify system
design, all devices in the PIC24HJ12GP201/202 family
incorporate an on-chip regulator that allows the device
to run its core logic from VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low-ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VDDCORE/VCAP pin
(Figure 18-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capac-
itor is provided in Table 21-13 located in Section 21.1
“DC Characteristics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 18-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1)
18.3
BOR: Brown-Out Reset
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit that monitors the reg-
ulated voltage VDDCORE. The main purpose of the BOR
module is to generate a device Reset when a brown-
out condition occurs. Brown-out conditions are gener-
ally caused by glitches on the AC mains (for example,
missing portions of the AC cycle waveform due to bad
power transmission lines, or voltage sags due to exces-
sive current draw when a large inductive load is turned
on).
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) will be
applied before the internal Reset is released. If TPWRT
= 0 and a crystal oscillator is being used, a nominal
delay of TFSCM = 100 is applied. The total delay in this
case is TFSCM.
The BOR Status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit, if enabled, contin-
ues to operate while in Sleep or Idle modes and resets
the device should VDD fall below the BOR threshold
voltage.
Note 1:
These are typical operating voltages. Refer
to TABLE 21-13: “Internal Voltage Regu-
lator Specifications” located in
Section 21.1 “DC Characteristics” for the
full operating ranges of VDD and VDDCORE.
VDD
VDDCORE/VCAP
VSS
PIC24H
CF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com