Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/ML Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC24HJ12GP201E/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/ML Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC24HJ12GP201E/ML Datasheet HTML 210Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 211Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 212Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 213Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 214Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 215Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 216Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 217Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 212
Preliminary
© 2007 Microchip Technology Inc.
TABLE 21-35: ADC MODULE SPECIFICATIONS (12-BIT MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
ADC Accuracy (12-bit Mode) – Measurements with external VREF+/VREF-
AD20a
Nr
Resolution
12 data bits
bits
AD21a
INL
Integral Nonlinearity
-1
—
+1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD22a
DNL
Differential Nonlinearity
>-1
—
<1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD23a
GERR
Gain Error
1.25
1.5
3
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD24a
EOFF
Offset Error
-2
-1.5
-1.25
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD25a
—
Monotonicity(1)
—
—
—
—
Guaranteed
ADC Accuracy (12-bit Mode) – Measurements with internal VREF+/VREF-
AD20a
Nr
Resolution
12 data bits
bits
AD21a
INL
Integral Nonlinearity
-1
—
+1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD22a
DNL
Differential Nonlinearity
>-1
—
<1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD23a
GERR
Gain Error
2
3
7
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD24a
EOFF
Offset Error
2
3
5
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
AD25a
—
Monotonicity(1)
—
—
—
—
Guaranteed
Dynamic Performance (12-bit Mode)
AD30a
THD
Total Harmonic Distortion
-77
-69
-61
dB
—
AD31a
SINAD
Signal to Noise and
Distortion
59
63
64
dB
—
AD32a
SFDR
Spurious Free Dynamic
Range
63
72
79
dB
—
AD33a
FNYQ
Input Signal Bandwidth
—
—
250
kHz
—
AD34a
ENOB
Effective Number of Bits
10.95
11.1
—
bits
—
Note 1:
The ADC conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com