Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/ML Datasheet(PDF) 227 Page - Microchip Technology

Part # PIC24HJ12GP201E/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/ML Datasheet(HTML) 227 Page - Microchip Technology

Back Button PIC24HJ12GP201E/ML Datasheet HTML 223Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 224Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 225Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 226Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 227Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 228Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 229Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 230Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 225
PIC24HJ12GP201/202
INDEX
A
AC Characteristics ............................................................ 192
Internal RC Accuracy ................................................ 194
Load Conditions ........................................................ 192
ADC
Initialization ............................................................... 151
Key Features............................................................. 151
ADC Module
ADC1 Register Map for PIC24HJ12GP201 ................ 27
ADC1 Register Map for PIC24HJ12GP202 ................ 28
Alternate Vector Table (AIVT)............................................. 49
Analog-to-Digital Converter (ADC).................................... 151
Arithmetic Logic Unit (ALU)................................................. 16
Assembler
MPASM Assembler................................................... 180
Automatic Clock Stretch.................................................... 135
Receive Mode ........................................................... 135
Transmit Mode .......................................................... 135
B
Block Diagrams
16-bit Timer1 Module ................................................ 109
ADC1 Module............................................................ 152
Connections for On-Chip Voltage Regulator............. 166
Input Capture ............................................................ 117
Output Compare ....................................................... 122
PIC24HJ12GP201/202 ................................................. 8
PIC24HJ12GP201/202 CPU Core .............................. 12
PIC24HJ12GP201/202 Oscillator System Diagram.... 77
PIC24HJ12GP201/202 PLL ........................................ 79
PLL.............................................................................. 79
Reset System.............................................................. 43
Shared Port Structure ................................................. 89
SPI ............................................................................ 126
Timer2 (16-bit) .......................................................... 113
Timer2/3 (32-bit) ....................................................... 112
UART ........................................................................ 143
Watchdog Timer (WDT) ............................................ 167
C
C Compilers
MPLAB C18 .............................................................. 180
MPLAB C30 .............................................................. 180
Clock Switching................................................................... 85
Enabling ...................................................................... 85
Sequence.................................................................... 85
Code Examples
Erasing a Program Memory Page............................... 41
Initiating a Programming Sequence............................ 42
Loading Write Buffers ................................................. 42
Port Write/Read .......................................................... 90
PWRSAV Instruction Syntax....................................... 87
Code Protection ........................................................ 163, 168
Configuration Bits.............................................................. 163
Description (Table).................................................... 164
Configuration Register Map .............................................. 163
Configuring Analog Port Pins.............................................. 90
CPU
Control Register .......................................................... 14
CPU Clocking System......................................................... 78
Options........................................................................ 78
Selection ..................................................................... 78
Customer Change Notification Service ............................. 228
Customer Support............................................................. 228
D
Data Address Space........................................................... 19
Alignment.................................................................... 19
Memory Map for PIC24HJ12GP201/202 Devices
with 1 KB RAM ................................................... 20
Near Data Space ........................................................ 19
Software Stack ........................................................... 31
Width .......................................................................... 19
DC Characteristics............................................................ 184
I/O Pin Input Specifications ...................................... 189
I/O Pin Output Specifications.................................... 190
Idle Current (IDOZE) .................................................. 188
Idle Current (IIDLE) .................................................... 187
Operating Current (IDD) ............................................ 186
Power-Down Current (IPD)........................................ 188
Program Memory...................................................... 191
Temperature and Voltage Specifications.................. 185
Development Support ....................................................... 179
Doze Mode ......................................................................... 88
E
Electrical Characteristics .................................................. 183
AC............................................................................. 192
Equations
A/D Conversion Clock Period ................................... 153
Calculating the PWM Period..................................... 120
Calculation for Maximum PWM Resolution .............. 120
Device Operating Frequency...................................... 78
Relationship Between Device and SPI
Clock Speed ..................................................... 128
Serial Clock Rate...................................................... 133
UART Baud Rate with BRGH = 0............................. 144
UART Baud Rate with BRGH = 1............................. 144
Errata .................................................................................... 6
F
Fail-Safe Clock Monitor ...................................................... 85
Flash Program Memory ...................................................... 37
Control Registers........................................................ 38
Operations .................................................................. 38
Programming Algorithm.............................................. 41
RTSP Operation ......................................................... 38
Table Instructions ....................................................... 37
Flexible Configuration ....................................................... 163
FSCM
Delay for Crystal and PLL Clock Sources .................. 47
Device Resets ............................................................ 47
I
I/O Ports ............................................................................. 89
Parallel I/O (PIO) ........................................................ 89
Write/Read Timing...................................................... 90
I2C
Addresses................................................................. 135
Baud Rate Generator ............................................... 133
General Call Address Support.................................. 135
Interrupts .................................................................. 133
IPMI Support............................................................. 135
Master Mode Operation
Clock Arbitration ............................................... 136
Multi-Master Communication, Bus Collision
and Bus Arbitration................................... 136
Operating Modes ...................................................... 133
Registers .................................................................. 133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com