Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/STSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC12F609-E/STSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/STSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC12F609-E/STSQTP Datasheet HTML 102Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 103Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 104Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 105Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 106Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 107Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 108Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 109Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 104
Preliminary
© 2006 Microchip Technology Inc.
11.4.2
TIMER0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
the T0IF bit of the INTCON register. The interrupt can
be enabled/disabled by setting/clearing T0IE bit of the
INTCON register. See Section 5.0 “Timer0 Module”
for operation of the Timer0 module.
11.4.3
GPIO INTERRUPT-ON-CHANGE
An input change on GPIO sets the GPIF bit of the
INTCON register. The interrupt can be enabled/
disabled by setting/clearing the GPIE bit of the
INTCON
register.
Plus,
individual
pins
can
be
configured through the IOC register.
FIGURE 11-7:
INTERRUPT LOGIC
Note:
If a change on the I/O pin should occur
when
any
GPIO
operation
is
being
executed, then the GPIF interrupt flag may
not get set.
TMR1IF
TMR1IE
CMIF
CMIE
T0IF
T0IE
INTF
INTE
GPIF
GPIE
GIE
PEIE
Wake-up (If in Sleep mode)(1)
Interrupt to CPU
ADIF
ADIE
IOC-GP0
IOC0
IOC-GP1
IOC1
IOC-GP2
IOC2
IOC-GP3
IOC3
IOC-GP4
IOC4
IOC-GP5
IOC5
TMR2IF
TMR2IE
CCP1IF
CCP1IE
Note
1:
Some peripherals depend upon the system clock for
operation. Since the system clock is suspended during Sleep, only
those peripherals which do not depend upon the system clock will wake
the part from Sleep. See Section 11.7.1 “Wake-up from Sleep”.
(615 only)
(615 only)
(615 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com