Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/STSQTP Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC12F609-E/STSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/STSQTP Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC12F609-E/STSQTP Datasheet HTML 155Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 156Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 157Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 158Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 159Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 160Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 161Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 162Page - Microchip Technology PIC12F609-E/STSQTP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 157
PIC12F609/615/12HV609/615
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC12F6XX Family of devices.
B.1
PIC12F675 to PIC12F609/615/
12HV609/615
TABLE B-1:
FEATURE COMPARISON
Feature
PIC12F675
PIC12F609/
615/
12HV609/615
Max Operating Speed
20 MHz
20 MHz
Max Program
Memory (Words)
1024
1024
SRAM (bytes)
64
64
A/D Resolution
10-bit
10-bit (615
only)
Timers (8/16-bit)
1/1
2/1 (615)
1/1 (609)
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RA0/1/2/4/5
GP0/1/2/4/5,
MCLR
Interrupt-on-change
RA0/1/2/3/4/5 GP0/1/2/3/4/5
Comparator
1
1 w/hysteresis
ECCP
N
Y (615)
INTOSC Frequencies
4 MHz
4/8 MHz
Internal Shunt
Regulator
NY
(PIC12HV609/
615)
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com