Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SP Datasheet(PDF) 364 Page - Microchip Technology

Part # PIC18F23K20-E/SP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SP Datasheet(HTML) 364 Page - Microchip Technology

Back Button PIC18F23K20-E/SP Datasheet HTML 360Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 361Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 362Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 363Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 364Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 365Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 366Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 367Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 362
Advance Information
© 2007 Microchip Technology Inc.
26.3
DC Characteristics: RC Run Supply Current, PIC18F2XK20/4XK20
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Device Characteristics
Typ
Max
Units
Conditions
D008
Supply Current (IDD)(1, 2)
7—
μA
-40°C
VDD = 1.8V
FOSC = 31 kHz
(RC_RUN mode,
LFINTOSC source)
8—
μA+25°C
12
—
μA+85°C
32
—
μA
+125°C
D008A
14
—
μA
-40°C
VDD = 3.0V
15
—
μA+25°C
21
—
μA+85°C
48
—
μA
+125°C
D009
0.5
—
mA
-40°C TO +85°C
VDD = 1.8V
FOSC = 1 MHz
(RC_RUN mode,
HF-INTOSC source)
0.5
—
mA
-40°C to +125°C
D009A
0.8
—
mA
-40°C TO +85°C
VDD = 3.0V
0.8
—
mA
-40°C to +125°C
D010
2.7
—
mA
-40°C TO +85°C
VDD = 1.8V
FOSC = 16 MHz
(RC_RUN mode,
HF-INTOSC source)
2.7
—
mA
-40°C to +125°C
D010A
5.2
—
mA
-40°C TO +85°C
VDD = 3.0V
5.2
—
mA
-40°C to +125°C
Note 1:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as
I/O pin loading and switching rate, oscillator type and circuit, internal code execution pattern and tempera-
ture, also have an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
2:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can
be estimated by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com