Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MD Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC12F615-E/MD
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MD Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC12F615-E/MD Datasheet HTML 108Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 109Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 110Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 111Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 112Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 113Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 114Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 115Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 110
Preliminary
© 2006 Microchip Technology Inc.
11.10 In-Circuit Serial Programming™
The
PIC12F609/615/12HV609/615 microcontrollers
can be serially programmed while in the end
application circuit. This is simply done with five
connections for:
•clock
•data
• power
• ground
• programming voltage
This allows customers to manufacture boards with
unprogrammed devices and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a Program/Verify mode by
holding the GP0 and GP1 pins low, while raising the
MCLR (VPP) pin from VIL to VIHH. See the “PIC12F6XX/
16F6XX
Memory
Programming
Specification”
(DS41204) for more information. GP0 becomes the
programming
data
and
GP1
becomes
the
programming clock. Both GP0 and GP1 are Schmitt
Trigger inputs in Program/Verify mode.
A typical In-Circuit Serial Programming connection is
shown in Figure 11-10.
FIGURE 11-10:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
11.11 In-Circuit Debugger
Since in-circuit debugging requires access to three pins,
MPLAB® ICD 2 development with an 14-pin device is
not
practical.
A
special
28-pin
PIC12F609/615/
12HV609/615 ICD device is used with MPLAB ICD 2 to
provide separate clock, data and MCLR pins and frees
all normally available pins to the user.
A special debugging adapter allows the ICD device to
be used in place of a PIC12F609/615/12HV609/615
device. The debugging adapter is the only source of the
ICD device.
When the ICD pin on the PIC12F609/615/12HV609/
615 ICD device is held low, the In-Circuit Debugger
functionality is enabled. This function allows simple
debugging functions when used with MPLAB ICD 2.
When the microcontroller has this feature enabled,
some of the resources are not available for general
use. Table 11-10 shows which features are consumed
by the background debugger.
TABLE 11-10: DEBUGGER RESOURCES
For more information, see “MPLAB® ICD 2 In-Circuit
Debugger User’s Guide” (DS51331), available on
Microchip’s web site (www.microchip.com).
Note:
To erase the device VDD must be above
the Bulk Erase VDD minimum given in the
“PIC12F609/615/12HV609/615
Memory
Programming Specification” (DS41284)
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12F615/12HV615
VDD
VSS
MCLR/VPP/GP3
GP1
GP0
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
* Isolation devices (as required)
PIC12F609/12HV609
Resource
Description
I/O pins
ICDCLK, ICDDATA
Stack
1 level
Program Memory
Address 0h must be NOP
700h-7FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com